Part Number Hot Search : 
TDA9115 KD1115 TON9304 76312 APW706 97992 0TRPBF 2SC1875
Product Description
Full Text Search
 

To Download BC808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
BC808
PNP Silicon Transistor
Descriptions
* High current application * Switching application
Features
* Suitable for AF-Driver stage and low power output stages * Complementary pair with BC818
Ordering Information
Type NO. BC808 Marking MA : hFE rank Package Code SOT-23
Outline Dimensions
2.40.1 1.300.1
unit : mm
1
1.90 Typ.
3 2
0.4 Typ. 0.45~0.60
0.2 Min.
2.90.1
1.12 Max.
0~0.1
KST-2025-000
0.124
PIN Connections 1. Base 2. Emitter 3. Collector
0.38
-0.03 +0.05
1
BC808
(Ta=25C)
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-base voltage Collector current Collector dissipation Junction temperature Storage temperature
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
-30 -25 -5 -800 200 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Emitter breakdown voltage Base-Emitter Turn On voltage Collector-Emitter saturation voltage Collector cut-off current DC current gain Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCEO VBE(ON) VCE(sat) ICBO hFE* fT Cob
Test Condition
IC=-1mA, IB=0 VCE=-1V, IC=-300mA IC=-500mA, IB=-50mA VCB=-25V, IE=0 VCE=-1V, IC=-100mA VCB=-5V, IE=10mA, f=100MHz VCB=-10V, IE=0, f=1MHz
Min. Typ. Max.
-25 100 100 16 -1.2 -700 -100 630 -
Unit
V V mV nA MHz pF
* : hFE rank / 16(A) : 100 ~ 250, 25(B) : 160 ~ 400, 40(C) : 250 ~ 630
KST-2025-000
2
BC808
Electrical Characteristic Curves
Fig. 1 Pc-Ta Fig. 2 IC -VBE
Fig. 3 IC - VCE
Fig. 4 hFE - IC
Fig. 5 VCE(sat) - IC
KST-2025-000
3


▲Up To Search▲   

 
Price & Availability of BC808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X